Part Number Hot Search : 
BC160 MUN22 C1024 KRF7530 EMPCD081 331E3 C3216X7R 2SB12
Product Description
Full Text Search
 

To Download HLMP-ED55-PL400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps Technical Data
SunPower Series HLMP-EL57 HLMP-EL55 HLMP-EH57 HLMP-EH55 HLMP-EG57 HLMP-EG55
Features
* Well Defined and Smooth Spatial Radiation Patterns * Wide Viewing Angle * Tinted Diffused Lamp * High Luminous Output * Colors: 590/592 nm Amber 615/617 nm Reddish-Orange 626/630 nm Red * High Operating Temperature: TJLED = +130C * Superior Resistance to Moisture
Applications
* Traffic Management: Variable Message Signs Traffic Management Signs * Commercial Indoor/Outdoor Advertising: Signs Marquees Passenger Information * Automotive: Exterior and Interior Lights
Description
These Precision Optical Performance AlInGaP LEDs provide superior light output for excellent readability in sunlight and are extremely reliable. AlInGaP LED technology provides extremely stable light output over long periods of time. Precision Optical Performance lamps utilize the aluminum indium gallium phosphide (AlInGaP) technology. These LED lamps are tinted, diffused, T-1 3/4 packages incorporating second generation optics producing well defined radiation patterns at specific viewing cone angles.
Benefits
* Viewing Angles Match Traffic Management Sign Requirements * Colors Meet Automotive Specifications * Superior Performance in Outdoor Environments * Suitable for Autoinsertion onto PC Boards
There are two families of amber, red, and red-orange lamps; AlInGaP and the higher performance AlInGaP II. The high maximum LED junction temperature limit of +130 C enables high temperature operation in bright sunlight conditions. These lamps are available in two package options to give the designer flexibility with device mounting.
2
Part Numbering System
HLMP - x x xx - x x x xx Mechanical Options 00: Bulk Packaging DD: Ammo Pack Color Bin Selections 0: No color bin limitation 4: Amber color bin 4 only K: Amber color bins 2 and 4 only Maximum Intensity Bin Minimum Intensity Bin Viewing Angle & Lead Stand Offs 55: 55 deg without lead stand offs; AlInGaP 57: 55 deg without lead stand offs; AlInGaP II Color D: 630 nm Red G: 626 nm Red H: 615/617 nm Red-Orange L: 590/592 Amber Package E: 5 mm Round
Device Selection Guide (AlInGaP)
Typical Viewing Angle 2 1/2 (Deg.)[4] 55 Color and Dominant Wavelength (nm), Typ.[3] Amber 590 Red-Orange 615 Red 626 Lamps Without Standoffs on Leads (Outline Drawing A) HLMP-EL55-GK000 HLMP-EH55-GK000 HLMP-EG55-GK000 Luminous Intensity Iv (mcd) [1,2] @20 mA Min. Max. 140 140 140 400 400 400
Device Selection Guide (AlInGaP II)
Typical Viewing Angle 2 1/2 (Deg.)[4] 55 Color and Dominant Wavelength (nm), Typ.[3] Amber 592 Red-Orange 617 Red 630 Lamps Without Standoffs on Leads (Outline Drawing A) HLMP-EL57-LP000 HLMP-EH57-LP000 HLMP-ED57-LP000 Luminous Intensity Iv (mcd) [1,2] @20 mA Min. Max. 400 400 400 1150 1150 1150
Notes: 1. The luminous intensity is measured on the mechanical axis of the lamp package. 2. The optical axis is closely aligned with the package mechanical axis. 3. The dominant wavelength, d, is derived from the CIE Chromaticity Diagram and represents the color of the lamp. 4. 1/2 is the off-axis angle where the luminous intensity is one half the on-axis intensity.
3
Package Dimensions
5.00 0.20 (0.197 0.008) 1.14 0.20 (0.045 0.008)
8.71 0.20 (0.343 0.008
2.35 (0.093) MAX. 31.60 (1.244) MIN. 0.70 (0.028) MAX.
CATHODE LEAD
1.00 MIN. (0.039)
0.50 0.10 SQ. TYP. (0.020 0.004)
CATHODE FLAT
5.80 0.20 (0.228 0.008)
2.54 0.38 (0.100 0.015)
NOTES: 1. ALL DIMENSIONS ARE IN MILLIMETERS (INCHES). 2. LEADS ARE MILD STEEL, SOLDER DIPPED. 3. TAPERS SHOWN AT TOP OF LEADS (BOTTOM OF LAMP PACKAGE) INDICATE AN EPOXY MENISCUS THAT MAY EXTEND ABOUT 1 mm (0.040 in.) DOWN THE LEADS. 4. RECOMMENDED PC BOARD HOLE DIAMETERS: LAMP PACKAGE WITHOUT STAND-OFFS: FLUSH MOUNTING AT BASE OF LAMP PACKAGE = 1.143/1.067 (0.044/0.042).
4
Absolute Maximum Ratings at TA = 25C
DC Forward Current[1,2,3] ..................................................................50 mA Peak Pulsed Forward Current[2,3] ................................................. 100 mA Average Forward Current[3] .............................................................30 mA Reverse Voltage (IR = 100 A) ................................................................ 5 V LED Junction Temperature .............................................................. 130 C Operating Temperature .................................................. -40 C to +100 C Storage Temperature ...................................................... -40 C to +120 C Through-the-Wave Solder Temperature ................ 250 C for 3 seconds [1.59 mm (0.060 in.) below body]
Notes: 1. Derate linearly as shown in Figure 4. 2. For long term performance with minimal light output degradation, drive currents between 10 mA and 30 mA are recommended. For more information on recommended drive conditions, please refer to Application Brief I-024 (5966-3087E). 3. Please contact your Agilent Technologies sales representative about operating currents below 10 mA.
Electrical/Optical Characteristics at TA = 25C
Parameter Forward Voltage Amber (d = 590 nm) Amber (d = 592 nm) Red-Orange (d = 615 nm) Red-Orange (d = 617 nm) Red (d = 626 nm) Red (d = 630 nm) Reverse Voltage Peak Wavelength Amber (d = 590 nm) Amber (d = 592 nm) Red-Orange (d = 615 nm) Red-Orange (d = 617 nm) Red (d = 626 nm) Red (d = 630 nm) Spectral Halfwidth Symbol VF Min. Typ. 2.02 2.15 1.94 2.08 1.90 2.00 20 592 594 621 623 635 639 1/2 17 nm Max. 2.4 2.4 2.4 2.4 2.4 2.4 V nm IR = 100 A Peak of Wavelength of Spectral Distribution at IF = 20 mA Units V Test Conditions IF = 20 mA
VR PEAK
5
Speed of Response Capacitance Thermal Resistance Luminous Efficacy[1] Amber (d = 590 nm) Amber (d = 592 nm) Red-Orange (d = 615 nm) Red-Orange (d = 617 nm) Red (d = 626 nm) Red (d = 630 nm)
s C RJ-PIN v
20 40 240
ns pF C/W lm/W
480 500 260 235 150 155
Wavelength Width at Spectral Distribution 1/2 Power Point at IF = 20 mA Exponential Time Constant, e-t/s VF = 0, f = 1 MHz LED Junction-to-Cathode Lead Emitted Luminous Power/Emitted Radiant Power
Note: 1. The radiant intensity, Ie, in watts per steradian, may be found from the equation Ie = Iv/v, where Iv is the luminous intensity in candelas and v is the luminous efficacy in lumens/watt.
5
1.0 AMBER RED-ORANGE RED
RELATIVE INTENSITY
0.5
0 500
550
600 WAVELENGTH - nm
650
700
Figure 1. Relative Intensity vs. Peak Wavelength.
100 90
RELATIVE LUMINOUS INTENSITY (NORMALIZED AT 20 mA)
3.0
50
80 70
CURRENT - mA
IF - FORWARD CURRENT - mA
2.5 2.0 1.5 1.0 0.5 0
40 RJA = 585 C/W 30 RJA = 780 C/W 20 10 0
60 50 40 30 20 10 0 1.0 1.5
RED
AMBER
2.0
2.5
3.0
0
20
40
60
0
20
40
60
80
100
VF - FORWARD VOLTAGE - V
IF - DC FORWARD CURRENT - mA
TA - AMBIENT TEMPERATURE - C
Figure 2. Forward Current vs. Forward Voltage.
Figure 3. Relative Luminous Intensity vs. Forward Current.
Figure 4. Maximum Forward Current vs. Ambient Temperature. Derating Based on TJMAX = 130C.
100 90
RELATIVE INTENSITY - %
80 70 60 50 40 30 20 10 0 -100 -80 -60 -40 -20 0 20 40 60 80 100
- ANGULAR DISPLACEMENT - DEGREES
Figure 5. Representative Spatial Radiation Pattern for 55 Viewing Angle Lamps.
Intensity Bin Limits (mcd at 20 mA)
Bin Name G H J K L M N P Min. 140 180 240 310 400 520 680 880 Max. 180 240 310 400 520 680 880 1150
Amber Color Bin Limits (nm at 20 mA)
Bin Name 1 2 4 6 Min. 584.5 587.0 589.5 592.0 Max. 587.0 589.5 592.0 594.5
Tolerance for each bin limit is 0.5 nm.
Tolerance for each bin limit is 15%.
Note: 1. Bin categories are established for classification of products. Products may not be available in all bin categories.
www.agilent.com/semiconductors
For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (916) 788-6763 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (+65) 6756 2394 India, Australia, New Zealand: (+65) 6755 1939 Japan: (+81 3) 3335-8152 (Domestic/International), or 0120-61-1280 (Domestic Only) Korea: (+65) 6755 1989 Singapore, Malaysia, Vietnam, Thailand, Philippines, Indonesia: (+65) 6755 2044 Taiwan: (+65) 6755 1843 Data subject to change. Copyright (c) 2004 Agilent Technologies, Inc. Obsoletes 5988-1855E July 13, 2004 5988-3460EN


▲Up To Search▲   

 
Price & Availability of HLMP-ED55-PL400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X